Part Number Hot Search : 
3040P LR340 PMB6258 D4302 18606131 FR206G XXXXX CMV2012
Product Description
Full Text Search
 

To Download MPDHE1001AT0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SURFACE MOUNT NETWORKS
MPH
Vishay Thin Film
Hermetic, 50 Mil Pitch, Leadless Chip Resistor Network
FEATURES
* Lead (Pb)-free available * True hermetic construction * Exceptional stability and performance characteristics (500 ppm at + 70 C, 10 000 h) * Nickel barrier terminations * Stable thin film resistor element (500 ppm at + 70 C, 10 000 h) * Military/Aerospace * Hermetically sealed
Pb-free Available
RoHS*
COMPLIANT
Actual Size
Vishay Thin film offers a four terminal hermetic leadless chip carrier package with precision matched pair elements. The network features tight ratio tolerance and close tracking over a 100 to 100 k resistance range. For custom schematics and values contact applications engineering.
TYPICAL PERFORMANCE
ABS TCR 25 ABS TOL 0.1 TRACKING 5 RATIO 0.05
SCHEMATIC
4 R 2 1 R 2 2
STANDARD ELECTRICAL SPECIFICATIONS
TEST Material Resistance Range Tracking TCR: Absolute Ratio Tolerance: Absolute Resistor Power Rating: Package R Absolute Stability: Voltage Coefficient Working Voltage Operating Temperature Range Storage Temperature Range Noise Thermal EMF Absolute Shelf Life Stability: Ratio < 20 ppm 1 year at + 25 C R Ratio 250 mW 0.10 % 0.03 % < 0.1 ppm/V 50 V - 55 C to + 125 C - 55 C to + 125 C < - 30 dB 0.08 V/C < 100 ppm 1 year at + 25 C Max. at + 70 C 2000 h at + 70 C 2000 h at + 70 C 1.0 % to 0.1 % 1000 mW per element + 25 C Max. at + 70 C 25 ppm/C standard 0.1 % to 0.05 % - 55 C to + 125 C + 25 C SPECIFICATIONS Passivated nichrome 100 to 100 k 2 ppm/C (typical < 1 ppm/C equal values) - 55 C to + 125 C CONDITIONS
* Pb containing terminations are not RoHS compliant, exemptions may apply www.vishay.com 40 For technical questions, contact: thin-film@vishay.com Document Number: 60013 Revision: 05-May-08
MPH
Hermetic, 50 Mil Pitch, Leadless Chip Resistor Network Vishay Thin Film
DIMENSIONS in inches and millimeters
C B D 1 A 4 3 2 G
SURFACE MOUNT NETWORKS
DIMENSIONS A B C D
INCHES 0.155 0.080 0.225 0.025 typical 0.040 0.070 0.050
MM 3.937 2.032 5.715 0.635 1.016 1.778 1.27
E
F
E F G
(Bottom View)
MECHANICAL SPECIFICATIONS
Resistive Element Substrate Material Body Terminals Marking Resistance to Solvents Lead (Pb)-free Option Lead (Pb)-free Finish Passivated nichrome Alumina Ceramic Gold over nickel Per MIL-PRF-83401 96.5 % Sn, 3.0 % Ag, 0.5 % Cu Hot solder dip
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: MPHK1003BUF (preferred part number format)
M M
GLOBAL MODEL (3 or 4 digits) MPH (Tin lead) MPHT (Lead (Pb)-free) (e1)
P H
H T
K K
1 1
0 0
0 0
3 3
B A
U U
F F
P
TCR CHARACTERISTIC E = 25 ppm/C H = 50 ppm/C K = 100 ppm/C
RESISTANCE First 3 digits are significant figures and the last digit specifies the number of zeroes to follow. Example: 1001 = 1K 1002 = 10K
TOLERANCE AND RATIO TOLERANCE Abs. Tol. A = 0.1 % B = 0.1 % C = 0.25 % D = 0.5 % F=1% Ratio 0.05 % 0.1 % 0.1 % 0.1 % 0.5 %
PACKAGING TAPE AND REEL T0 = 100 min. 100 mult T1 = 1000 min. 1000 mult T3 = 300 min. 300 mult T5 = 500 min. 500 mult TF = Full reel 2500 TS = 100 min. 1 mult UF = TUBED
Historical Part Number example: MPHR1001B (will continue to be accepted) MPH SERIES R TCR CHARACTERISTIC 1001 RESISTANCE B TOLERANCE AND RATIO TOLERANCE
Document Number: 60013 Revision: 05-May-08
For technical questions, contact: thin-film@vishay.com
www.vishay.com 41
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of MPDHE1001AT0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X